Part Number Hot Search : 
XC7445B 1040CT 3323W204 YSCM212 X4166 A3140 UPD17P23 HE89C21
Product Description
Full Text Search
 

To Download CXD3536R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXD3536R
Digital Signal Driver/Timing Generator
Description The CXD3536R incorporates digital signal processor type RGB driver, color shading correction and timing generator functions onto a single IC. Operation is possible with a system clock up to 100 [MHz] (max.). This IC can process video signals in bands up to 100MHz standard, and can output the timing signals for driving various Sony LCD panels. Features * Various picture quality adjustment functions such as user adjustment, white balance adjustment and gamma correction * OSD MIX, black frame processing, mute and limiter functions * LCD panel color shading correction function * LCD panel vertical stripe correction function * Drives various Sony data projector LCD panels * Drives Sony dot/line inversion drive panel * Controls the CXA3562AR and CXA7005R sampleand-hold drivers * Line inversion and field inversion signal generation * Supports AC drive of LCD panels during no signal * On-chip serial interface * The data of gamma correction and color shading correction can be downloaded automatically from the external EEPROM. Applications LCD projectors and other video equipment Structure Silicon gate CMOS IC 176 pin LQFP (Plastic)
Absolute Maximum Ratings (VSS = 0V) * Supply voltage VDD VSS - 0.5 to +2.5 VDE VSS - 0.5 to +4.5 VDDA VSS - 0.5 to +4.5 * Input voltage VI VSS - 0.3 to VDE + 0.3 * Output voltage VO VSS - 0.3 to VDE + 0.3 * Storage temperature Tstg -55 to +125 * Junction temperature Tj 125 Recommended Operating Conditions * Supply voltage VDD 1.65 to 1.95 VDE 3.0 to 3.6 VDDA 3.0 to 3.6 * Operating temperature Topr -20 to +75
V V V V V C C
V V V C
Note) Company names and product names in this data sheet are trademarks or registered trademarks of the respective company. Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E03314-PS
CXD3536R
Block Diagram
EEPROM
RSCL
RSDA
External ROM I/F
CLKOUT1 CLKOUT2 CLKOUT3
HSEL Host Controller Host I/F HSCL HSDA Register I/F
10 x 3 R, G, BIN R, G, BOSD YM YS 2x3 DSD 10 x 3 R, G, BOUT
CTRL HDIN VDIN TG RGT, DWN GCFBIN1, GCFBIN2, GCFBIN3 HST, PST, HCK1, HCK2, DCK1, DCK2, DCK3, DCK4, DCK5, DCK6, ENB, PCG, PRG, SHST, HD2, HD3, CLR, CLP, HD1, VST, VCK, FRP, XFRP, XRGT, PO1, PO2 PLLSTB Direct Clear XCLR2 XCLR3
CLKC PLL CLKPOL PLLDIV CLKSEL
-2-


▲Up To Search▲   

 
Price & Availability of CXD3536R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X